Part Number Hot Search : 
CS5102A IDTP9120 945ETTS AG01Z AEL60 TDA3845T 501B2 PST3139
Product Description
Full Text Search
 

To Download NX5032GA-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal units - 28 - 111118_nx5032ga_e nx5032ga for automotive a small surface-mount type crystal unit, ideal for automotive. compatible with an engine control cpu clock delivering the high reliability that is particularly demanded, and compatible with low frequencies starting from 8 mhz. compact and thin. (5.0 3.2 1.3 mm typ.) stable start-up characteristic even under extremely severe environmental conditions. excellent environmental characteristics, including heat, vibration and shock resistance. meets the requirements for re-fow profling using lead-free solder . conforms to aec-q200. features item model nx5032ga nominal frequency 8 to 10.499mhz 10.5 to 40mhz overtone order fundamental frequency tolerance (25 3 c) 50 10 ?6 frequency versus temperature characteristics (with reference to +25 c) 150 10 ?6 operating temperature range ?40 to +150 c storage temperature range ?40 to +150 c equivalent series resistance refer to *1 level of drive 10 w (max. 500 w) load capacitance 8 pf specifcations number std-csu-1 std-csu-2 specifcations mm 2.4 1.30.2 5.00.2 1.3 2.0 3.20.2 6.0 2.0 land pattern (typical) terminal land connections (top view ) dimensions *1 equivalent series resistance nominal frequency (mhz) equivalent series resistance max. [] 8 to 9.5 300 9.5 to 10 220 10 to 15 150 15 to 20 120 20 to 24 100 24 to 30 80 30 to 40 50 please specify the model name, frequency, and specifcation number when you order products. for further questions regarding specifcations, please feel free to contact us.


▲Up To Search▲   

 
Price & Availability of NX5032GA-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X